データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMF882X データシート(PDF) 24 Page - OSRAM GmbH

部品番号 TMF882X
部品情報  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF882X データシート(HTML) 24 Page - OSRAM GmbH

Back Button TMF882X Datasheet HTML 20Page - OSRAM GmbH TMF882X Datasheet HTML 21Page - OSRAM GmbH TMF882X Datasheet HTML 22Page - OSRAM GmbH TMF882X Datasheet HTML 23Page - OSRAM GmbH TMF882X Datasheet HTML 24Page - OSRAM GmbH TMF882X Datasheet HTML 25Page - OSRAM GmbH TMF882X Datasheet HTML 26Page - OSRAM GmbH TMF882X Datasheet HTML 27Page - OSRAM GmbH TMF882X Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 23
Use the "Persistence" control to set the required minimum number of sequential object
detections: e.g. only display an object if it is detected six times in a row
You can also define which of the zones in the field of view are relevant for object detection with the
"Enable Interrupt per Pixel" check boxes.
Information
The EVM GUI displays all objects in the field of view if one object in the field of view satisfies the
defined requirements. If "Persistence" is set to zero all other parameters are not relevant anymore.
The EVM GUI will then display all objects in the field of view.
The GUI has a timeout implemented
– if there is no object detection within one second, the GUI
automatically clears the graph. Object logging will be stopped too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37