| データシートサーチシステム |
|
M50FLW040A データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FLW040A データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 64 page ![]() M50FLW040A, M50FLW040B Revision history 63/64 Revision history Table 36. Document revision history Date Version Changes 23-Jun-2003 1.0 First Issue 04-Jul-2003 2.0 VIH(INIT) min parameter modified in Table 24: DC characteristics. Document status promoted from Target Specification to Product Preview 28-Jul-2003 2.1 Document renamed to M50FLW040A, M50FLW040B 08-Oct-2003 2.2 Block types removed from the Block and Sector Address tables 07-Nov-2003 2.3 Document promoted to Preliminary Data 18-Feb-2004 3.0 Wording in the textual descriptions revised throughout the document. 18-May-2004 4.0 TSOP32 package added. Updates to Tables 8, 9, 12, 13, 14, 15, 19, 26, 34 and 35; and to Figures 14, and 21 to 27 18-Aug-2004 5.0 Pins 2 and 5 of the TSOP32 Connections illustration corrected 24-Oct-2006 6 Document converted to new ST template. Packages are ECOPACK® compliant. TLEAD removed from Table 19: Absolute maximum ratings. Device grade 1 removed. Blank Plating Technology option removed from Table 33: Ordering information scheme. |