| データシートサーチシステム |
|
M50FLW040A データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FLW040A データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 64 page ![]() M50FLW040A, M50FLW040B DC and AC parameters 45/64 Figure 15. Reset AC waveforms Table 27. Reset AC characteristics Symbol Parameter Test Condition Value Unit tPLPH RP or INIT Reset Pulse Width Min 100 ns tPLRH RP or INIT Low to Reset Program/Erase Inactive Max 100 ns Program/Erase Active Max 30 µs RP or INIT Slew Rate(1) 1. See Chapter 4 of the PCI Specification. Rising edge only Min 50 mV/ns tPHFL RP or INIT High to FWH4/LFRAME Low FWH/LPC Interface only Min 30 µs tPHWL tPHGL RP High to Write Enable or Output Enable Low A/A Mux Interface only Min 50 µs RP, INT ai08422 W, G, FWH4/LFRAME RB tPLRH tPLPH tPHWL, tPHGL, tPHFL |