| データシートサーチシステム |
|
M50FLW040A データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FLW040A データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 64 page ![]() DC and AC parameters M50FLW040A, M50FLW040B 46/64 Figure 16. A/A Mux interface Read AC waveforms AI03406 tAVAV tCLAX tCHAX tGLQX tGLQV tGHQX VALID A0-A10 G DQ0-DQ7 RC tCHQV tGHQZ COLUMN ADDR VALID W RP tPHAV ROW ADDR VALID NEXT ADDR VALID tAVCL tAVCH Table 28. A/A Mux interface Read AC characteristics Symbol Parameter Test Condition Value Unit tAVAV Read Cycle Time Min 250 ns tAVCL Row Address Valid to RC Low Min 50 ns tCLAX RC Low to Row Address Transition Min 50 ns tAVCH Column Address Valid to RC high Min 50 ns tCHAX RC High to Column Address Transition Min 50 ns tCHQV (1) RC High to Output Valid Max 150 ns tGLQV (1) Output Enable Low to Output Valid Max 50 ns tPHAV RP High to Row Address Valid Min 1 µs tGLQX Output Enable Low to Output Transition Min 0 ns tGHQZ Output Enable High to Output Hi-Z Max 50 ns tGHQX Output Hold from Output Enable High Min 0 ns 1. G may be delayed up to tCHQV – tGLQV after the rising edge of RC without impact on tCHQV. |