データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M65KA128AL データシート(PDF) 49 Page - STMicroelectronics

部品番号 M65KA128AL
部品情報  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL データシート(HTML) 49 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 45Page - STMicroelectronics M65KA128AL Datasheet HTML 46Page - STMicroelectronics M65KA128AL Datasheet HTML 47Page - STMicroelectronics M65KA128AL Datasheet HTML 48Page - STMicroelectronics M65KA128AL Datasheet HTML 49Page - STMicroelectronics M65KA128AL Datasheet HTML 50Page - STMicroelectronics M65KA128AL Datasheet HTML 51Page - STMicroelectronics M65KA128AL Datasheet HTML 52Page - STMicroelectronics M65KA128AL Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
M65KA128AL
DC and AC parameters
49/53
Figure 25.
Deep Power-Down Entry AC Waveforms
1.
BA0, BA1 and address bits A0 to A11 (except A10) are ‘Don’t Care’.
A10
DQ0-DQ15
Hi-Z
K
KE
E
RAS
CAS
W
ai07720c
Precharge All Banks
(optional)
Deep Power-Down
Entry
T0
T1
T2
T3
T4
T5
tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53