データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS2040FL データシート(PDF) 1 Page - Won-Top Electronics

部品番号 SS2040FL
部品情報  2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS2040FL データシート(HTML) 1 Page - Won-Top Electronics

  SS2040FL Datasheet HTML 1Page - Won-Top Electronics SS2040FL Datasheet HTML 2Page - Won-Top Electronics SS2040FL Datasheet HTML 3Page - Won-Top Electronics SS2040FL Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Low Turn-On Voltage
Fast Switching
A
PN Junction Guard Ring for Transient and
ESD Protection
Designed for Surface Mount Application
C
Plastic Material – UL Recognition Flammability
D
Classification 94V-0
B
E
Mechanical Data
Case: SOD-123FL, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.017 grams (approx.)
Marking: Device Code, See Page 3
H
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS2020FL
SS2030FL
SS2040FL
SS2060FL SS20100FL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
60
100
V
Forward Continuous Current (Note 1)
IF
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
50
A
Thermal Resistance, Junction to Lead (Note 2)
Thermal Resistance, Junction to Ambient (Note 1)
RθJL
RθJA
26
85
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS2020FL
SS2030FL
SS2040FL
SS2060FL SS20100FL
Unit
Maximum Forward Voltage Drop @ IF = 2.0A
VFM
0.52
0.55
0.70
0.85
V
Peak Reverse Leakage Current @ VRRM
IRM
100
µA
Typical Junction Capacitance (Note 3)
CJ
60
50
40
pF
Note: 1. Mounted on FR-4 PCB with 645mm
2 pad size.
2. Mounted on FR-4 PCB with minimum recommended pad size.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SS2020FL – SS20100FL
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
WON-TOP ELECTRONICS
®
SOD-123FL
Dim
Min
Max
A
3.30
3.70
B
2.60
2.95
C
1.65
1.95
D
0.75
1.35
E
0.10
0.20
G
0.98
1.08
H
0.50
0.80
All Dimensions in mm
G


同様の部品番号 - SS2040FL

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
118Kb / 3P
2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
logo
Diotech Company.
SS2040FL DIOTECH-SS2040FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2040FL TAYCHIPST-SS2040FL Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS2040FL YENYO-SS2040FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
More results

同様の説明 - SS2040FL

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SK22 WTE-SK22_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22F ZSELEC-SS22F Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com