| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 129 Page - STMicroelectronics |
|
129 / 145 page ![]() 6.8.25 NVM fail-safe shadow register 2 (NVM_FS_SHR2) Table 105. NVM_FS_SHR2 7 6 5 4 3 2 1 0 TSHDN_FLT_CNT_MAX[3:0] OCP_FLT_CNT_MAX[3:0] R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0xB2 • Default: Depends on the PMIC part number • Description: NVM fail-safe shadow register 2 (see Section 5.4.5). [7:4] TSHDN_FLT_CNT_MAX[3:0]: setting of the maximum number of occurrences triggered by a thermal shutdown hard- fault source. 0000: 0 hard-faults allowed (the PMIC goes in FAIL_SAFE_LOCK_STATE when the 1st hard-fault condition occurs) 0001: 1 hard-fault allowed (the PMIC goes in FAIL_SAFE_LOCK_STATE when the 2nd hard-fault condition occurs) … 1110: 14 hard-faults allowed (the PMIC goes in FAIL_SAFE_LOCK_STATE when the 15th hard-fault condition occurs) 1111: ∞ hard-faults allowed (fail-safe disabled: the PMIC always restarts when a hard-fault condition occurs) [3:0] OCP_FLT_CNT_MAX[3:0]: setting of the maximum number of occurrences triggered by regulator overcurrent hard-fault source. 0000: 0 hard-faults allowed (the PMIC goes in FAIL_SAFE_LOCK_STATE when the 1st hard-fault condition occurs) 0001: 1 hard-fault allowed (the PMIC goes in FAIL_SAFE_LOCK_STATE when the 2nd hard-fault condition occurs) … 1110: 14 hard-faults allowed (the PMIC goes in FAIL_SAFE_LOCK_STATE when the 15th hard-fault condition occurs) 1111: ∞ hard-faults allowed (fail-safe disabled: the PMIC always restarts when a hard-fault condition occurs) STPMIC25 Register descriptions DS14278 - Rev 3 page 129/145 |