| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 130 Page - STMicroelectronics |
|
130 / 145 page ![]() 6.8.26 NVM fail-safe shadow register 3 (NVM_FS_SHR3) Table 106. NVM_FS_SHR3 7 6 5 4 3 2 1 0 reserved FAIL_SAFE_LOCK_DIS RST_FLT_CNT_TMR[1:0] WDG_FLT_CNT_MAX[3:0] R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0xB3 • Default: Depends on the PMIC part number • Description: NVM fail-safe shadow register 3 (see Section 5.4.5). [7] reserved [6] FAIL_SAFE_LOCK_DIS: disable fail-safe lock state (pass through) 0: FAIL_SAFE_LOCK feature enabled (the PMIC stays in the FAIL_SAFE_LOCK state) 1: FAIL_SAFE_LOCK feature disabled (the PMIC passes through the FAIL_SAFE_LOCK state to go into the OFF state) [5:4] RST_FLT_CNT_TMR[1:0]: reset fault counter timer settings. When the timer elapses, it automatically clears all fault counters (*_FLT_CNT) 00: disabled 01: 1 minute 10: 6 minutes 11: 60 minutes [3:0] WDG_FLT_CNT_MAX[3:0]: setting of the maximum number of occurrences triggered by a watchdog hard-fault source. 0000: 0 hard-faults allowed (the PMIC goes into the FAIL_SAFE_LOCK_STATE when the 1st hard-fault condition occurs) 0001: 1 hard-fault allowed (PMIC goes into the FAIL_SAFE_LOCK_STATE when the 2nd hard-fault condition occurs) … 1110: 14 hard-faults allowed (the PMIC goes into the FAIL_SAFE_LOCK_STATE when the 15th hard-fault condition occurs) 1111: ∞ hard-faults allowed (fail-safe disabled: the PMIC always restarts when a hard-fault condition occurs) STPMIC25 Register descriptions DS14278 - Rev 3 page 130/145 |