| データシートサーチシステム |
|
VD66GY データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD66GY データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 37 page ![]() 1 Acronyms and abbreviations Table 1. Acronyms and abbreviations Acronym/abbreviation Definition ADC analog to digital converter AE autoexposure AGV automated guided vehicle AR augmented reality CCI camera control interface CP charge pump CRA chief ray angle CSI camera serial interface DTI deep trench isolation EMC electromagnetic compatibility EMI electromagnetic interference FoV field of view fps frames per second GPIO general-purpose input/output I2C inter-integrated circuit (bus) ISL intelligent status line ISP image signal processor LDO low dropout regulator LED light-emitting diode MCU microcontroller unit MIPI mobile industry processor interface MTF modulation transfer function NIR near infrared OIF output interface OTP one-time programmable PLL phase-locked loop PWM pulse-width modulation QE quantum efficiency RI relative illumination SW software UAV unmanned aerial vehicle UI user interface for host to sensor communication VR virtual reality VD66GY Acronyms and abbreviations DS13838 - Rev 7 page 2/37 |