データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VD66GY データシート(PDF) 32 Page - STMicroelectronics

部品番号 VD66GY
部品情報  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY データシート(HTML) 32 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 28Page - STMicroelectronics VD66GY Datasheet HTML 29Page - STMicroelectronics VD66GY Datasheet HTML 30Page - STMicroelectronics VD66GY Datasheet HTML 31Page - STMicroelectronics VD66GY Datasheet HTML 32Page - STMicroelectronics VD66GY Datasheet HTML 33Page - STMicroelectronics VD66GY Datasheet HTML 34Page - STMicroelectronics VD66GY Datasheet HTML 35Page - STMicroelectronics VD66GY Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
Packing
Tested dice are delivered as sawn dice which are reconstructed into a wafer format on UV-tape, and delivered on
a metallic ring (see figure below). The frames are packed in plastic containers, each including a maximum of 13
double-spaced reconstructed wafer rings. A mapping information file is also provided for localizing dice that may
have been damaged during wafer reconstruction on sticking foil.
Figure 21. Reconstructed wafer information
VD66GY
Package information
DS13838 - Rev 7
page 32/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37