データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VD66GY データシート(PDF) 23 Page - STMicroelectronics

部品番号 VD66GY
部品情報  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY データシート(HTML) 23 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics VD66GY Datasheet HTML 25Page - STMicroelectronics VD66GY Datasheet HTML 26Page - STMicroelectronics VD66GY Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
7.2
MTF
The modulation transfer function (MTF) measures the ability of the device to differentiate spatial frequencies. The
MTF value represents the contrast restitution for the corresponding spatial frequency, hence describes the
contrast attenuation. It is a sharpness indicator that quantifies to what extent the image sensor can capture and
discriminate tiny detailed contrast of an object in the field of view.
The figure below presents the on-axis MTF, measured in a 100x28 pixels ROI with the slanted-edge method. Note
that in the following figure, Ny is the spatial Nyquist frequency.
Figure 14. On-axis vertical and horizontal pixel MTF @ 532 nm
VD66GY
Pixel performance
DS13838 - Rev 7
page 23/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37