データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M58LT128HST データシート(PDF) 9 Page - STMicroelectronics

部品番号 M58LT128HST
部品情報  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST データシート(HTML) 9 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 5Page - STMicroelectronics M58LT128HST Datasheet HTML 6Page - STMicroelectronics M58LT128HST Datasheet HTML 7Page - STMicroelectronics M58LT128HST Datasheet HTML 8Page - STMicroelectronics M58LT128HST Datasheet HTML 9Page - STMicroelectronics M58LT128HST Datasheet HTML 10Page - STMicroelectronics M58LT128HST Datasheet HTML 11Page - STMicroelectronics M58LT128HST Datasheet HTML 12Page - STMicroelectronics M58LT128HST Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
M58LT128HST, M58LT128HSB
Description
9/110
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
A0-A22
Address inputs
Inputs
DQ0-DQ15
Data input/outputs, command inputs
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset
Input
K
Clock
Input
L
Latch Enable
Input
WAIT
Wait
Output
VDD
Supply voltage
Input
VDDQ
Supply voltage for input/output buffers
Input
VPP
Optional supply voltage for fast program & erase
Input
VSS
Ground
VSSQ
Ground input/output supply
Input
NC
Not Connected Internally
DU
Do Not Use
AI12887
A0-A22
W
DQ0-DQ15
VDD
M58LT128HST
M58LT128HSB
E
VSS
16
G
RP
VDDQ VPP
L
K
WAIT
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More