データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M58LT128HST データシート(PDF) 50 Page - STMicroelectronics

部品番号 M58LT128HST
部品情報  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST データシート(HTML) 50 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 46Page - STMicroelectronics M58LT128HST Datasheet HTML 47Page - STMicroelectronics M58LT128HST Datasheet HTML 48Page - STMicroelectronics M58LT128HST Datasheet HTML 49Page - STMicroelectronics M58LT128HST Datasheet HTML 50Page - STMicroelectronics M58LT128HST Datasheet HTML 51Page - STMicroelectronics M58LT128HST Datasheet HTML 52Page - STMicroelectronics M58LT128HST Datasheet HTML 53Page - STMicroelectronics M58LT128HST Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
Block protection
M58LT128HST, M58LT128HSB
50/110
9.4
Protection operations during Erase Suspend
Changes to block protection status can be performed during an erase suspend by using the
standard protection command sequences to unprotect or protect a block. This is useful in
the case when another block needs to be updated while an erase operation is in progress.
To change block protection during an erase operation, first write the Erase Suspend
command, then check the Status Register until it indicates that the erase operation has
been suspended. Next write the desired Protect command sequence to a block and the
protection status will be changed. After completing any desired protect, read, or program
operations, resume the erase operation with the Erase Resume command.
If a block is protected during an erase suspend of the same block, the erase operation will
complete when the erase is resumed. Protection operations cannot be performed during a
program suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More