データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM7346 データシート(PDF) 40 Page - PMC-Sierra, Inc

部品番号 PM7346
部品情報  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PMC [PMC-Sierra, Inc]
ホームページ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 データシート(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 36Page - PMC-Sierra, Inc PM7346 Datasheet HTML 37Page - PMC-Sierra, Inc PM7346 Datasheet HTML 38Page - PMC-Sierra, Inc PM7346 Datasheet HTML 39Page - PMC-Sierra, Inc PM7346 Datasheet HTML 40Page - PMC-Sierra, Inc PM7346 Datasheet HTML 41Page - PMC-Sierra, Inc PM7346 Datasheet HTML 42Page - PMC-Sierra, Inc PM7346 Datasheet HTML 43Page - PMC-Sierra, Inc PM7346 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 19
and cell header scrambling (for use with PPP packets) are optionally provided.
Counts of transmitted cells are accumulated for performance monitoring
purposes.
Both receive and transmit cell FIFOs provide buffering for four cells. The FIFOs
provide the rate matching interface between the higher layer ATM entity and the
S/UNI-QJET.
The S/UNI-QJET is configured, controlled and monitored via a generic 8-bit
microprocessor bus through which all internal registers are accessed. All
sources of interrupts can be identified, acknowledged, or masked via this
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More