データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM7346 データシート(PDF) 55 Page - PMC-Sierra, Inc

部品番号 PM7346
部品情報  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PMC [PMC-Sierra, Inc]
ホームページ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 データシート(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 51Page - PMC-Sierra, Inc PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc PM7346 Datasheet HTML 53Page - PMC-Sierra, Inc PM7346 Datasheet HTML 54Page - PMC-Sierra, Inc PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc PM7346 Datasheet HTML 58Page - PMC-Sierra, Inc PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 34
Pin Name
Type
Pin No.
Function
TFPI[4]
TFPI[3]
TFPI[2]
TFPI[1]
TMFPI[4]
TMFPI[3]
TMFPI[2]
TMFPI[1]
Input
W15
V12
V9
V6
Framer Transmit Frame Pulse/Multiframe
Pulse (TFPI/TMFPI[4:1]). TFPI/TMFPI[4:1]
is valid when the S/UNI-QJET is
configured as a DS3, E3, or J2 framer for
non-ATM applications by setting the
FRMRONLY bit in the S/UNI-QJET
Configuration 1 Register to logic 1.
TFPI[4:1] indicates the position of all
overhead bits in each DS3 M-subframe,
the first bit in each G.751 E3 or G.832 E3
frame, or the first framing bit in each J2
frame. TFPI[4:1] is not required to pulse at
every frame boundary in E3 or J2 modes.
TMFPI[4:1] indicates the position of the
first bit in each DS3 M-frame, the first bit in
each E3 frame, or the first framing bit in
each J2 multiframe. TMFPI[4:1] is not
required to pulse at every multiframe
boundary.
TFPI/TMFPI[4:1] is sampled on the rising
edge of TICLK[4:1].
TICLK[4]
TICLK[3]
TICLK[2]
TICLK[1]
Input
V15
Y13
W9
W6
Transmit Input Clock (TICLK[4:1]).
TICLK[4:1] provides the transmit direction
timing. TICLK[4:1] is the externally
generated transmission system baud rate
clock. It is internally buffered to produce
the transmit clock output, TCLK[4:1], and
can be enabled to update the
TPOS/TDATO[4:1] and TNEG/TOHM[4:1]
outputs on the TICLK[4:1] rising edge. The
TICLK[4:1] maximum frequency is 52
MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com