| データシートサーチシステム |
|
PM7347 データシート(PDF) 52 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7347 データシート(HTML) 52 Page - PMC-Sierra, Inc |
|
52 / 341 page ![]() S/UNI®-JET Data Sheet Released Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 52 Document ID: PMC-1990267, Issue 3 Pin Name Type Pin No. Function VSS[50] VSS[51] VSS[52] VSS[53] VSS[54] VSS[55] VSS[56] VSS[57] VSS[58] VSS[59] Ground Y2 Y3 Y5 Y8 Y11 Y12 Y13 Y18 Y19 Y20 The DC Ground pins should be connected to GND. NC[1] NC[2] NC[3] NC[4] NC[5] NC[6] NC[7] NC[8] NC[9] NC[10] NC[11] NC[12] NC[13] NC[14] NC[15] NC[16] NC[17] NC[18] NC[19] NC[20] NC[21] NC[22] NC[23] NC[24] NC[25] NC[26] NC[27] NC[28] NC[29] NC[30] NC[31] NC[32] NC[33] NC[34] NC[35] NC[36] NC[37] NC[38] NC[39] NC[40] NC[41] NC[42] NC[43] NC[44] No Connect B4 C4 D2 D3 D5 D17 E4 F1 F2 G3 J18 J19 K1 K19 L2 L3 M2 M3 M18 M19 M20 N2 N3 N4 P1 P2 R2 R3 R4 T1 T2 T4 U2 U3 U5 U6 U8 U10 V4 V5 V7 V8 V10 V11 These pins are No-Connects |