データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7044A データシート(PDF) 3 Page - SYC Electronica

部品番号 HT7044A
部品情報  TinyPowerTM Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYC [SYC Electronica]
ホームページ  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT7044A データシート(HTML) 3 Page - SYC Electronica

  HT7044A Datasheet HTML 1Page - SYC Electronica HT7044A Datasheet HTML 2Page - SYC Electronica HT7044A Datasheet HTML 3Page - SYC Electronica HT7044A Datasheet HTML 4Page - SYC Electronica HT7044A Datasheet HTML 5Page - SYC Electronica HT7044A Datasheet HTML 6Page - SYC Electronica HT7044A Datasheet HTML 7Page - SYC Electronica HT7044A Datasheet HTML 8Page - SYC Electronica HT7044A Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
Supply Voltage .............................................................................................................................VSS
-0.3V to VSS+26V
Output Voltage ...........................VSS
-0.3V to VDD+0.3V
Output Current......................................................50mA
Storage Temperature ............................
-50°Cto125°C
Power Consumption ..........................................200mW
Operating Temperature ...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.
Electrical Characteristics
HT7022A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
2.134
2.200
2.266
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
1.5
¾
24
V
IOL
Output Sink Current
2V
VOUT=0.2V
0.5
1
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±1.1
¾
mV/
°C
HT7024A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
2.328
2.400
2.472
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
1.5
¾
24
V
IOL
Output Sink Current
2V
VOUT=0.2V
0.5
1
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT70XXA-1
Rev. 1.40
3
January 26, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com