データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7044A データシート(PDF) 7 Page - SYC Electronica

部品番号 HT7044A
部品情報  TinyPowerTM Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYC [SYC Electronica]
ホームページ  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT7044A データシート(HTML) 7 Page - SYC Electronica

Back Button HT7044A Datasheet HTML 3Page - SYC Electronica HT7044A Datasheet HTML 4Page - SYC Electronica HT7044A Datasheet HTML 5Page - SYC Electronica HT7044A Datasheet HTML 6Page - SYC Electronica HT7044A Datasheet HTML 7Page - SYC Electronica HT7044A Datasheet HTML 8Page - SYC Electronica HT7044A Datasheet HTML 9Page - SYC Electronica HT7044A Datasheet HTML 10Page - SYC Electronica HT7044A Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HT70XXA-1
Rev. 1.40
7
January 26, 2006
· with 5V voltage regulator
Change of Detectable Voltage
If the required voltage is not found in the standard
product selection table, it is possible to change it by
using external resistance dividers or diodes.
· Varying the detectable voltage with a resistance di-
vider
Detectable voltage =
R+ R
R
AB
B
´ VDET
Hysteresis width =
R+ R
R
AB
B
´ VHYS
· Varying the detectable voltage with a diode
Detectable Voltage = Vf1+Vf2+VDET
Malfunction Analysis
The following circuit demonstrates the way a circuit
analyzes malfunctions by monitoring the variation or
spike noise of power supply voltage.
Charge Monitoring Circuit
The following circuit shows a charged monitor for
protection against battery deterioration by
overcharging. When the voltage of the battery is higher
than the set detectable voltage, the transistor turns on to
bypass the charge current, protecting the battery from
overcharging.
H T 7 0 4 4 A - 1
V S S
V D D
H T 7 1 5 0 - 1
V O U T
V I N
G N D
5 V
5 V V o l t a g e r e g u l a t o r
H T 7 0 X X A - 1
V S S
V I N
V S S
V O U T
V D D
R A
R B
H T 7 0 X X A - 1
V D D
V I N
V S S
V f 1
V f 2
V O U T
V S S
H T 7 0 X X A - 1
V O U T
V S S
V D D
V S S
H T 7 0 X X A - 1
V D D
V O U T
V S S
L o a d
B A T T
S o l a r
C e l l
T r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com