データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7044A データシート(PDF) 1 Page - SYC Electronica

部品番号 HT7044A
部品情報  TinyPowerTM Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYC [SYC Electronica]
ホームページ  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT7044A データシート(HTML) 1 Page - SYC Electronica

  HT7044A Datasheet HTML 1Page - SYC Electronica HT7044A Datasheet HTML 2Page - SYC Electronica HT7044A Datasheet HTML 3Page - SYC Electronica HT7044A Datasheet HTML 4Page - SYC Electronica HT7044A Datasheet HTML 5Page - SYC Electronica HT7044A Datasheet HTML 6Page - SYC Electronica HT7044A Datasheet HTML 7Page - SYC Electronica HT7044A Datasheet HTML 8Page - SYC Electronica HT7044A Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HT70XXA-1
TinyPowerTM Voltage Detector
Selection Table
Part No.
Detectable
Voltage
Hysteresis
Width
Tolerance
Package
Marking
HT7022A-1
2.2V
0.11V
±3%
TO-92
SOT-89
SOT-25
70XXA-1 (for TO-92)
70XXA-1 (for SOT-89)
0XXA (for SOT-25)
HT7024A-1
2.4V
0.12V
±3%
HT7027A-1
2.7V
0.135V
±3%
HT7033A-1
3.3V
0.165V
±3%
HT7039A-1
3.9V
0.195V
±3%
HT7044A-1
4.4V
0.22V
±3%
HT7050A-1
5.0V
0.25V
±3%
Note:
²XX² stands for output voltages.
For lead free devices, TO-92 package will add a
²#² mark at the end of the date code, whereas SOT-89 &
SOT-25 packages will add a
²#² mark at the end of the marking.
Rev. 1.40
1
January 26, 2006
General Description
The HT70XXA-1 series devices area set of three terminal
low power voltage detectors implemented in CMOS
technology. Each voltage detector in the series detects a
particular fixed voltage ranging from 2.2V to 5V. The
voltage detectors consist of a high-precision and low
power consumption standard voltage source as well as a
comparator, hysteresis circuit, and an output driver.
CMOS technology ensures low power consumption.
Although designed primarily as fixed voltage detectors,
these devices can be used with external components to
detect user specified threshold voltages.
Features
· Low power consumption
· Low temperature coefficient
· High input voltage range (up to 24V)
· Output voltage accuracy: tolerance ± 3%
· Built-in hysteresis characteristic
· TO-92, SOT-89 and SOT-25 package
Applications
· Battery checkers
· Level selectors
· Power failure detectors
· Microcomputer reset
· Battery memory backup
· Non-volatile RAM signal storage protectors


同様の部品番号 - HT7044A

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT7044A HOLTEK-HT7044A Datasheet
131Kb / 16P
Voltage Detector
January 14, 2003
HT7044A-1 HOLTEK-HT7044A-1 Datasheet
161Kb / 16P
TinyPower Voltage Detector
January 26, 2006
HT7044A-1 HOLTEK-HT7044A-1 Datasheet
558Kb / 15P
TinyPowerTM Voltage Detector
April 30, 2013
HT7044A-2 HOLTEK-HT7044A-2 Datasheet
143Kb / 17P
TinyPowerTM Voltage Detector
HT7044A-2 HOLTEK-HT7044A-2 Datasheet
144Kb / 17P
TinyPowerTM Voltage Detector
December 14, 2012
More results

同様の説明 - HT7044A

メーカー部品番号データシート部品情報
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
TinyPowerTM Voltage Detector
April 30, 2013
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
TinyPowerTM Voltage Detector
December 14, 2012
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
TinyPowerTM Voltage Detector
April 18, 2013
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com