| データシートサーチシステム |
|
L6566ATR データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6566ATR データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 51 page ![]() Application information L6566A 18/51 If FF operation is selected: 1. FF mode from heavy to light load. The system operates exactly like a standard current mode, at a frequency fsw determined by the externally programmable oscillator: both DCM and CCM transformer operation are possible, depending on whether the power that it processes is greater or less than: Equation 1 where Vin is the input voltage to the converter, VR the reflected voltage (i.e. the regulated output voltage times the primary-to-secondary turn ratio) and Lp the inductance of the primary winding. PinT is the power level that marks the transition from continuous to discontinuous operation mode of the transformer. 2. Burst-mode with no or very light load. This kind of operation is activated in the same way and results in the same behavior as previously described for QR operation. The L6566A is specifically designed for flyback converters operated from front-end Power Factor Correction (PFC) stages in applications supposed to comply with EN61000-3-2 or JEITA-MITI regulations. Pin 6 (Vcc_PFC) provides the supply voltage to the PFC control IC. 5.1 High-voltage start-up generator Figure 5 shows the internal schematic of the high-voltage start-up generator (HV generator). It is made up of a high-voltage N-channel FET, whose gate is biased by a 15 M Ω resistor, with a temperature-compensated current generator connected to its source. Figure 5. High-voltage start-up generator: internal schematic Lp f 2 V Vin V Vin Pin sw 2 R R T ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ + = L6566A 15 M Ω GND HV Vcc 5 3 1 Icharge Vcc_OK IHV CONTROL HV_EN |