データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6566ATR データシート(PDF) 47 Page - STMicroelectronics

部品番号 L6566ATR
部品情報  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566ATR データシート(HTML) 47 Page - STMicroelectronics

Back Button L6566ATR Datasheet HTML 43Page - STMicroelectronics L6566ATR Datasheet HTML 44Page - STMicroelectronics L6566ATR Datasheet HTML 45Page - STMicroelectronics L6566ATR Datasheet HTML 46Page - STMicroelectronics L6566ATR Datasheet HTML 47Page - STMicroelectronics L6566ATR Datasheet HTML 48Page - STMicroelectronics L6566ATR Datasheet HTML 49Page - STMicroelectronics L6566ATR Datasheet HTML 50Page - STMicroelectronics L6566ATR Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
L6566A
Package mechanical data
47/51
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51