データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD5216PI データシート(PDF) 68 Page - Winbond

部品番号 ISD5216PI
部品情報  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI データシート(HTML) 68 Page - Winbond

Back Button ISD5216PI Datasheet HTML 64Page - Winbond ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond ISD5216PI Datasheet HTML 71Page - Winbond ISD5216PI Datasheet HTML 72Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
ISD5216
- 68 -
Depending upon whether one desires recording one side (simplex) or both sides (duplex) of a
conversation, the various paths will also be switched through to the low pass filter (for antialiasing)
and into the storage array. Later, the cell phone owner can play back the messages from the array.
When this happens, the Array Output MUX is connected to the volume control, through the Output
MUX, to the Speaker Amplifier. For applications other than a cell phone, the audio paths can be
switched into many different and flexible configurations. Some examples follow.
TRANSFORMER APPLICATION
VSSD
VSSD
A0
SDA
A1
SCL
VCCD
MCLK
INT
RAC
SDI
SDIO
VSSA
MICBS
MIC+
MIC-
ACAP
SP-
AUX IN
SCK
AUX OUT
WS
VCCA
SP+
VSSA
NC
ISD5216
PDIP
VSSA
VCCD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
μF
.1
μF
.1
μF
600
Ω
N=1
N=1
600
Ω
TIP
RING
1.5k
Ω
1.5k
Ω
Electret Microphone
WM-54B Panasonic
To Microcontroller
I
2C interface and
Address setting
13.824 MHz
PCM IN
PCM OUT
8 KHz
2.048 MHz
TO AUXILIARY INPUT
.1
μF
.1
μF
.1
μF
.1
μF
Vcc
Vcc
Vcc
4.7K
Ω
4.7K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com