データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD5216PI データシート(PDF) 27 Page - Winbond

部品番号 ISD5216PI
部品情報  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI データシート(HTML) 27 Page - Winbond

Back Button ISD5216PI Datasheet HTML 23Page - Winbond ISD5216PI Datasheet HTML 24Page - Winbond ISD5216PI Datasheet HTML 25Page - Winbond ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond ISD5216PI Datasheet HTML 29Page - Winbond ISD5216PI Datasheet HTML 30Page - Winbond ISD5216PI Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 27 -
Revision B.4
As with Digital Write, Digital Read can be done a “block” at a time. Thus, only 64 bits need to be read
in each Digital Read command sequence.
7.6.3. Erasing Data
The Digital Erase command can only erase an entire page at a time. This means that the D0 or D1
command only needs to include the 11-bit page address; the 5-bit for block address are left at 00000.
Once a page has been erased, each block may be written separately, 64 bits at a time. But, if a block
has been previously written, then the entire page of 2048 bits must be erased in order to re-write (or
change) a block.
While erasing data, the RAC pin will have a pulse at the end of each erased page, when the stop
erase command is sent, the device will stop erasing at the end of the current page. To erase a single
page, the stop command should be sent immediately after the start erase command. To erase multiple
pages, count pulses on the RAC pin and send the stop command after n-1 RAC pulses have been
detected where n is the number of pages to erase.
A sequence might look like:
-
read the entire page
-
store it in RAM
-
change the desired bit(s)
-
erase the page
-
write the new data from RAM to the entire page
7.6.4. Load Configuration Registers
To load the configuration registers, send the LOAD CFG command followed by the two configuration
bytes with the most significant byte first.
The following tables provide a summary of the bits. There are three configuration registers: CFG0,
CFG1 and CFG2. Thus, there are six 8-bit bytes to be loaded during the set-up of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com