データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW81101AT データシート(PDF) 28 Page - STMicroelectronics

部品番号 STW81101AT
部品情報  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT データシート(HTML) 28 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 24Page - STMicroelectronics STW81101AT Datasheet HTML 25Page - STMicroelectronics STW81101AT Datasheet HTML 26Page - STMicroelectronics STW81101AT Datasheet HTML 27Page - STMicroelectronics STW81101AT Datasheet HTML 28Page - STMicroelectronics STW81101AT Datasheet HTML 29Page - STMicroelectronics STW81101AT Datasheet HTML 30Page - STMicroelectronics STW81101AT Datasheet HTML 31Page - STMicroelectronics STW81101AT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
I2C bus interface
STW81101
28/48
Figure 25.
Ack
Table 14.
Start and stop timing specifications
Symbol
Parameter
Minimum time
Units
tstart
Clock to data start time
2
ns
tstop
Data to clock down stop time
2
ns
Table 15.
Ack timing specifications
Symbol
Parameter
Minimum time
Units
td1
Ack begin delay
2
ns
td2
Ack end delay
2
ns
SCL
SDA
t d1
t d2
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48