データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPR3916 データシート(PDF) 38 Page - Toshiba Semiconductor

部品番号 TMPR3916
部品情報  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 データシート(HTML) 38 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 34Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 35Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 36Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 37Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 38Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 39Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 40Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 42Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 225 page
background image
Chapter 1 The TMPR3916
Preliminary
1-1
1.
The TMPR3916
1.1
Applications and References
The TMPR3916 is a family member of Toshiba’s 32-bit system RISC family. As an application-specific
standard product (ASSP) it is designed for a wide range of applications such as:
•
Car Navigation Systems
•
Driver Information Displays
•
Personal Digital Assistants (PDAs)
•
Musical Instruments
•
Electronic Book Players
The TMPR3916 uses a TX39/H core as its CPU. The TX39/H CPU core is a RISC processor developed by
Toshiba based on the R3000A architecture of MIPS Technologies Inc. .
In addition to the processor core, this ASSP includes peripheral circuits such as a graphics display
controller, a memory controller, a DMA controller, several serial communication interfaces, CAN-bus
interfaces, interval timers and general purpose I/Os.
Please refer to the following document for information about the TX39 core architecture, including the
instruction set:
32-Bit TX System RISC TX39 Family Architecture (Document Number 44137D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More