| データシートサーチシステム |
|
TMPR3916 データシート(PDF) 71 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 データシート(HTML) 71 Page - Toshiba Semiconductor |
|
71 / 225 page ![]() Chapter 2 Memory Controller (MC) Preliminary 2-22 • RSHT Option The RSHT option is entered when the RSHT field is non-zero. This option adds the capability of adding setup and hold time between the following signals: Setup ADDR to CE, CE to OE, CE to BE. Hold CE to ADDR, OE to CE, BE to CE. Typically it is used with slow I/O peripherals. All setup and hold times are the same for a given value and are not individually programmable. RSHT mode cannot be used in conjunction with Page Mode. All other modes can incorporate the RSHT mode but are restricted such that burst accesses are not allowed. |