| データシートサーチシステム |
|
TMPR3916 データシート(PDF) 49 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 データシート(HTML) 49 Page - Toshiba Semiconductor |
|
49 / 225 page ![]() Chapter 1 The TMPR3916 Preliminary 1-12 Bit Name Function Reset Value R/W 8 BEOW Bus Error on Write This bit determines, if a write transaction on internal bus will aborted, when no device responds after 1024 cycles. 0 = No bus-error on time-out at write 1 = Generate bus-error on time-out at write 1 R/W 7:4 DMA1CC These bits are used to select devices for DMA transfers of DMA channel 1. 0000 = UART0, Transmission 0001 = UART0, Reception 0010 = UART1, Transmission 0011 = UART1, Reception 0100 = UART2, Transmission 0101 = UART2, Reception 0110 = UART3, Transmission 0111 = UART3, Reception 1000 = TXSEI, Transmission 1001 = TXSEI, Reception 1010 = External Device 1111 = No device selected (reset value) Other settings are invalid 1111 R/W 3:0 DMA0CC These bits are used to select devices for DMA transfers of DMA channel 0. The settings are similar to DMA1CC. 1111 R/W |