データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPR3916 データシート(PDF) 12 Page - Toshiba Semiconductor

部品番号 TMPR3916
部品情報  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 データシート(HTML) 12 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 8Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 9Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 10Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 11Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 12Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 13Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 14Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 15Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 225 page
background image
2 Safety Precautions
2-2
2.1
General Precautions regarding Semiconductor Devices
Do not use devices under conditions exceeding their absolute maximum ratings (e.g. current, voltage, power dissipation or
temperature).
This may cause the device to break down, degrade its performance, or cause it to catch fire or explode resulting in injury.
Do not insert devices in the wrong orientation.
Make sure that the positive and negative terminals of power supplies are connected correctly. Otherwise the rated maximum
current or power dissipation may be exceeded and the device may break down or undergo performance degradation, causing it
to catch fire or explode and resulting in injury.
When power to a device is on, do not touch the device’s heat sink.
Heat sinks become hot, so you may burn your hand.
Do not touch the tips of device leads.
Because some types of device have leads with pointed tips, you may prick your finger.
When conducting any kind of evaluation, inspection or testing, be sure to connect the testing equipment’s electrodes or probes to
the pins of the device under test before powering it on.
Otherwise, you may receive an electric shock causing injury.
Before grounding an item of measuring equipment or a soldering iron, check that there is no electrical leakage from it.
Electrical leakage may cause the device which you are testing or soldering to break down, or could give you an electric shock.
Always wear protective glasses when cutting the leads of a device with clippers or a similar tool.
If you do not, small bits of metal flying off the cut ends may damage your eyes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More