| データシートサーチシステム |
|
TMP89FS60 データシート(PDF) 56 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 データシート(HTML) 56 Page - Toshiba Semiconductor |
|
56 / 410 page ![]() Page 42 2. CPU Core 2.4 Reset Control Circuit TMP89FS60 RA001 Note: When the supply voltage is equal to or lower than the detection voltage of the power-on reset circuit, the power-on reset remains active, even if the RESET pin is turned to "H". Figure 2-15 External Reset Input (when the power is turned on) Figure 2-16 External Reset Input (when the power is stabilized) Reset time Warm-up operation During reset CPU and peripheral circuits start operation Operating voltage RESET pin CPU/peripheral circuits reset Reset time Warm-up operation During reset CPU and peripheral circuits start operation RESET pin Reset signal Operating voltage |