| データシートサーチシステム |
|
TMP89FS60 データシート(PDF) 19 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 データシート(HTML) 19 Page - Toshiba Semiconductor |
|
19 / 410 page ![]() Page 5 TMP89FS60 RA000 1.4 Pin Names and Functions The TMP89FS60 has MCU mode, parallel PROM mode, and serial PROM mode. Table 1-1 shows the pin func- tions in MCU mode. The serial PROM mode is explained later in a separate chapter. Table 1-1 Pin Names and Functions(1/3) Pin Name Input/Output Functions P03 XTOUT IO O PORT03 Low frequency OSC output P02 XTIN IO I PORT02 Low frequency OSC input P01 XOUT IO O PORT01 High frequency OSC output P00 XIN IO I PORT00 High frequency OSC input P13 INT1 IO I PORT13 External interrupt 1 input P12 INT0 IO I PORT12 External interrupt 0 input P11 INT5 STOP IO I I PORT11 External interrupt 5 input STOP mode release input P10 RESET IO I PORT10 Reset signal input P27 IO PORT27 P26 IO PORT26 P25 SCLK0 IO IO PORT25 Serial clock input/output 0 P24 SCL0 SI0 IO IO I PORT24 I2C bus clock input/output 0 Serial data input 0 P23 SDA0 SO0 IO IO O PORT23 I2C bus data input/output 0 Serial data output 0 P22 SCLK0 IO IO PORT22 Serial clock input/output 0 P21 RXD0 SI0 OCDIO IO I I IO PORT21 UART data input 0 Serial data input 0 OCD data input/output P20 TXD0 SO0 OCDCK IO O O I PORT20 UART data output 0 Serial data output 0 OCD clock input P47 AIN7 KWI7 IO I I PORT47 Analog input 7 Key-on wake-up input 7 P46 AIN6 KWI6 IO I I PORT46 Analog input 6 Key-on wake-up input 6 |