データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP89FS60 データシート(PDF) 12 Page - Toshiba Semiconductor

部品番号 TMP89FS60
部品情報  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 データシート(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 8Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 9Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 10Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 11Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 12Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 13Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 14Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 15Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 410 page
background image
viii
21.3.4 Product ID entry.................................................................................................................................. 317
21.3.5 Product ID exit .................................................................................................................................... 317
21.3.6 Security program ................................................................................................................................ 317
21.4 Toggle Bit (D6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 317
21.5 Access to the Flash Memory Area. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 318
21.5.1 Flash memory control in serial PROM mode ...................................................................................... 318
21.5.1.1 How to transfer and write a control program to the RAM area in RAM loader mode of the serial PROM mode
21.5.2 Flash memory control in MCU mode .................................................................................................. 321
21.5.2.1 How to write to the flash memory by transferring a control program to the RAM area
21.5.2.2 How to write to the flash memory by using a support program (API) of BOOTROM
21.6 Revision History. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 326
22. Serial PROM Mode
22.1 Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 327
22.2 Security . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 327
22.3 Serial PROM Mode Setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 328
22.3.1 Serial PROM mode control pins ......................................................................................................... 328
22.4 Example Connection for On-board Writing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330
22.5 Activating the Serial PROM Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 331
22.6 Interface Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 332
22.6.1 SIO communication ............................................................................................................................ 332
22.6.2 UART communication......................................................................................................................... 332
22.7 Memory Mapping. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334
22.8 Operation Commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334
22.8.1 Flash memory erase command (0xF0)............................................................................................... 337
22.8.1.1 Specifying the erase area
22.8.2 Flash memory write command (operation command: 0x30)............................................................... 340
22.8.3 Flash memory read command (operation command: 0x40) ............................................................... 342
22.8.4 RAM loader command (operation command: 0x60) ........................................................................... 344
22.8.5 Flash memory SUM output command (operation command: 0x90) ................................................... 346
22.8.6 Product ID code output command (operation command: 0xC0)......................................................... 347
22.8.7 Flash memory status output command (0xC3)................................................................................... 349
22.8.7.1 Flash memory status code
22.8.8 Mask ROM emulation setting command (0xD0) ................................................................................. 352
22.8.9 Flash memory security setting command (0xFA)................................................................................ 353
22.9 Error Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 354
22.10 Checksum (SUM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 355
22.10.1 Calculation method ........................................................................................................................... 355
22.10.2 Calculation data ................................................................................................................................ 355
22.11 Intel Hex Format (Binary) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 356
22.12 Security . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 357
22.12.1 Passwords ........................................................................................................................................ 357
22.12.1.1 How a password can be specified
22.12.1.2 Password structure
22.12.1.3 Password setting, cancellation and authentication
22.12.1.4 Password values and setting range
22.12.2 Security program .............................................................................................................................. 361
22.12.2.1 How the security program functions
22.12.2.2 Enabling or disabling the security program
22.12.3 Option codes..................................................................................................................................... 362
22.12.4 Recommended settings .................................................................................................................... 364
22.13 Flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 365
22.14 AC Characteristics (UART) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 366
22.14.1 Reset timing...................................................................................................................................... 367
22.14.2 Flash memory erase command (0xF0) ............................................................................................. 367
22.14.3 Flash memory write command (0x30)............................................................................................... 368
22.14.4 Flash memory read command (0x40)............................................................................................... 368
22.14.5 RAM loader command (0x60)........................................................................................................... 369
22.14.6 Flash memory SUM output command (0x90) ................................................................................... 369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More