| データシートサーチシステム |
|
TMP89FS60 データシート(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 データシート(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 410 page ![]() v 14.4.2.2 Operation 14.4.2.3 Double buffer 14.4.3 8-bit pulse width modulation (PWM) output mode .............................................................................. 180 14.4.3.1 Setting 14.4.3.2 Operations 14.4.3.3 Double buffer 14.4.4 8-bit programmable pulse generate (PPG) output mode.................................................................... 185 14.4.4.1 Setting 14.4.4.2 Operation 14.4.4.3 Double buffer 14.4.5 16-bit timer mode................................................................................................................................ 188 14.4.5.1 Setting 14.4.5.2 Operations 14.4.5.3 Double buffer 14.4.6 16-bit event counter mode .................................................................................................................. 192 14.4.6.1 Setting 14.4.6.2 Operations 14.4.6.3 Double buffer 14.4.7 12-bit pulse width modulation (PWM) output mode ............................................................................ 194 14.4.7.1 Setting 14.4.7.2 Operations 14.4.7.3 Double buffer 14.4.8 16-bit programmable pulse generate (PPG) output mode.................................................................. 200 14.4.8.1 Setting 14.4.8.2 Operations 14.4.8.3 Double buffer 15. Real Time Clock (RTC) 15.1 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203 15.2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203 15.3 Function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204 15.3.1 Low Power Consumption Function ..................................................................................................... 204 15.3.2 Enabling/disabling the real time clock operation................................................................................. 204 15.3.3 Selecting the interrupt generation interval .......................................................................................... 204 15.4 Real Time Clock Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205 15.4.1 Enabling the real time clock operation................................................................................................ 205 15.4.2 Disabling the real time clock operation ............................................................................................... 205 16. Asynchronous Serial Interface (UART) 16.1 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208 16.2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209 16.3 Low Power Consumption Function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213 16.4 Protection to Prevent UART0CR1 and UART0CR2 Registers from Being Changed 214 16.5 Activation of STOP, IDLE0 or SLEEP0 Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 215 16.5.1 Transition of register status ................................................................................................................ 215 16.5.2 Transition of TXD pin status ............................................................................................................... 215 16.6 Transfer Data Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 216 16.7 Infrared Data Format Transfer Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 216 16.8 Transfer Baud Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217 16.8.1 Transfer baud rate calculation method ............................................................................................... 218 16.8.1.1 Bit width adjustment using UART0CR2<RTSEL> 16.8.1.2 Calculation of set values of UART0CR2<RTSEL> and UART0DR 16.9 Data Sampling Method . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221 16.10 Received Data Noise Rejection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 223 16.11 Transmit/Receive Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 224 16.11.1 Data transmit operation .................................................................................................................... 224 16.11.2 Data receive operation...................................................................................................................... 224 16.12 Status Flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225 |