| データシートサーチシステム |
|
USB-2-IOL-0002 データシート(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
USB-2-IOL-0002 データシート(HTML) 17 Page - Omron Electronics LLC |
|
17 / 24 page ![]() NXR-ILM08C-ECT 17 Wiring Example for IO-Link Devices (without Digital Inputs and Outputs for Pin 2) A wiring example for an IO-Link device without digital inputs and outputs for pin 2 is shown below. In this example, the port is used in the following communications modes. Pin 4: IO-Link Mode, pin 2: Disabled 4 2 3 1 2 1 3 4 2 1 3 4 U/IN P- U/IN P+ Power supply connector (input) I/O connector I/Q white L+ brown C/Q black L- blue IO-Link Master Unit Unit/input power supply IO-Link device (without digital inputs or outputs for pin 2) |