| データシートサーチシステム |
|
USB-2-IOL-0002 データシート(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
USB-2-IOL-0002 データシート(HTML) 4 Page - Omron Electronics LLC |
|
4 / 24 page ![]() NXR-ILM08C-ECT 4 Applicable Support Software The following table shows support software that can be used in the system configured with the NXR-series EtherCAT IO-Link Master Unit. The Support Software used depends on the scope of the applicable system. For versions of support software, refer to Version Information on page 13. *1. From the controller from another company, make settings through message communications. Or use a commercially-available IO-Link USB master to make settings from the CX-ConfiguratorFDT. For the commercially available IO-Link USB master, the following models are recommended. Destination to which IO-Link Master Unit is connected Applicable Support Software Controller EtherCAT master Creating the user program Setting the PDO mapping Setting up IO-Link Master Unit Setting and monitoring IO-Link devices NJ/NX-series CPU Unit or NY-series Industrial PC Built-in EtherCAT ports on NJ/NX-series CPU Unit or NY-series Industrial PC Sysmac Studio Sysmac Studio Sysmac Studio CX-ConfiguratorFDT Controller from another company EtherCAT master from another company Software from another company Software from another company Software from another company *1 Model Manufacturer USB-2-IOL-0002 TURCK IO-Link-Master02-USB Pepperl+Fuchs |