| データシートサーチシステム |
|
USB-2-IOL-0002 データシート(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
USB-2-IOL-0002 データシート(HTML) 5 Page - Omron Electronics LLC |
|
5 / 24 page ![]() NXR-ILM08C-ECT 5 Ordering Information Applicable standards Refer to the OMRON website (www.ia.omron.com) or ask your OMRON representative for the most recent applicable standards for each model. NXR-series IO-Link Master Unit for EtherCAT NXR-series IO-Link I/O Hub Automation Software Sysmac Studio Please purchase a DVD and required number of licenses the first time you purchase the Sysmac Studio. DVDs and licenses are available individually. Each model of licenses does not include any DVD. Note: For details, refer to the Sysmac Studio Ver.1. datasheet, visit your local OMRON website. *1. Multi licenses are available for the Sysmac Studio (3, 10, 30, or 50 licenses). Product name Number of IO-Link ports Degree of protection I/O connection terminals Model IO-Link Master Unit for EtherCAT 8 IP67 M12 connector A-coding, female NXR-ILM08C-ECT Product name Number of IO-Link ports Input/Output Degree of protection I/O connection terminals Model IO-Link I/O Hub 8 16 digital inputs IP67 M12 connector A-coding, female NXR-ID166C-IL2 16 digital inputs/outputs NXR-CD166C-IL2 Product name Specifications Model Number of licenses Media Sysmac Studio Standard Edition Ver.1. The Sysmac Studio is the software that provides an integrated environment for setting, programming, debugging and maintenance of machine automation controllers including NJ/NX-series CPU Units, NY- series Industrial PC, EtherCAT Slaves, and HMI. The Sysmac Studio Standard Edition DVD includes CX-ConfiguratorFDT to set up IO-Link devices. --- (Media only) Sysmac Studio (32 bit) DVD SYSMAC-SE200D Sysmac Studio (64 bit) DVD SYSMAC-SE200D-64 1 license *1 --- SYSMAC-SE201L |