| データシートサーチシステム |
|
USB-2-IOL-0002 データシート(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
USB-2-IOL-0002 データシート(HTML) 2 Page - Omron Electronics LLC |
|
2 / 24 page ![]() NXR-ILM08C-ECT 2 System Configuration An example of a system configuration for an NXR-series IO-Link Master Unit for EtherCAT is shown below. The example uses an NJ/NX-series CPU Unit and an NY-series Industrial PC. (G) Communications cable Ethernet cable (I) ESI files Built-in EtherCAT port (B) NXR-series IO-Link Master Unit for EtherCAT (E) IO-Link device NXR-series IO-Link I/O Hub (F) Non-IO-Link connected external device (D) Output power supply (C) Unit/input power supply Through-wiring for power supplies (H) Support Software (F) Non-IO-Link connected external device (A) EtherCAT master: NJ/NX-series CPU Unit or NY-series Industrial PC (J) IODD files Connected to peripheral USB port or built-in EtherNet/IP port *1 *1. The connection method depends on the model of the NJ/NX-series CPU Unit or NY-series Industrial PC. |