| データシートサーチシステム |
|
LP55281TL/NOPB データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP55281TL/NOPB データシート(HTML) 22 Page - Texas Instruments |
|
22 / 42 page ![]() Copyright © 2016, Texas Instruments Incorporated SW BATTERY LDO Analog supply voltage LP55281 Digital supply voltage LBoost CVDDA 1 PF CVDD 100 nF CIN 10 PF VDDA VDD2 VDD1 2.8V Copyright © 2016, Texas Instruments Incorporated SW BATTERY VDD1 LBoost VDDA LDO Analog supply voltage 2.8V LP55281 Digital supply voltage LDO 2.8V VDD2 CIN 10 PF CVDDA 1 PF CVDD 100 nF 22 LP55281 SNVS458D – JUNE 2007 – REVISED OCTOBER 2016 www.ti.com Product Folder Links: LP55281 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated 7.3.5 7-V Shielding To shield the LP55281 device from high-input voltages (6 V to 7.2 V), the use of an external 2.8-V LDO is required. This 2.8-V voltage protects internally the device against high voltage condition. The recommended connection is shown in the picture below. Internally both logic and analog circuitry works at 2.8-V supply voltage. Both supply voltage pins should have separate filtering capacitors. TI recommends pulling down the external LDO voltage when it is disabled in order to minimize the leakage current of the LED outputs. Figure 16. LP55281 With 7-V Shielding In cases where high voltage is not an issue, the alternative connection is shown below. Figure 17. LP55281 Without 7-V Shielding |