データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP55281TL/NOPB データシート(PDF) 23 Page - Texas Instruments

部品番号 LP55281TL/NOPB
部品情報  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TL/NOPB データシート(HTML) 23 Page - Texas Instruments

Back Button LP55281TL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 24Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 25Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 26Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Modes Of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values and the device goes to
STANDBY mode after reset. NSTBY control bit is low after reset by default. Reset is entered
always if Reset Register is written, internal Power On Reset is active, or NRST pin is pulled down
externally. The LP55281 can be reset by writing any data to the Reset Register (address 60H).
Power On Reset (POR) will activate during the device startup or when the supply voltage VDD2 falls
below 1.5 V. Once VDD2 rises above 1.5V, POR inactivates, and the device continues to the
STANDBY mode.
STANDBY: The STANDBY mode is entered if the register bit NSTBY is LOW. This is the low power
consumption mode, when all circuit functions are disabled. Registers can be written in this mode
and the control bits are effective immediately after startup.
STARTUP:
When NSTBY bit is written high, the INTERNAL STARTUP SEQUENCE powers up all the needed
internal blocks (VREF, Oscillator, etc.). To ensure the correct oscillator initialization, a 10 ms delay
is generated by the internal state-machine. If the device temperature rises too high, the Thermal
Shutdown (TSD) disables the device operation and STARTUP mode is entered until no thermal
shutdown is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is
raised in PWM mode during the 10 ms delay generated by the state-machine. The Boost startup is
entered from Internal Startup Sequence if EN_BOOST is HIGH or from Normal mode when
EN_BOOST is written HIGH. During the 10 ms Boost Startup time all LED outputs are switched off
to ensure smooth startup.
NORMAL:
During NORMAL mode the user controls the device using the Control Registers. The registers can
be written in any sequence and any number of bits can be altered in a register in one write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42