| データシートサーチシステム |
|
LP55281TL/NOPB データシート(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP55281TL/NOPB データシート(HTML) 26 Page - Texas Instruments |
|
26 / 42 page ![]() SDA SCL S P START condition STO P condition S 1 2 3...6 7 8 9 Start Condition Acknowledge Signal from Receiver Transmitter Stays off the Bus During the Acknowledge Clock SCL SDA data change allowed data valid data change allowed data valid data change allowed 26 LP55281 SNVS458D – JUNE 2007 – REVISED OCTOBER 2016 www.ti.com Product Folder Links: LP55281 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated Programming (continued) 7.5.2.2 Data Transactions One data bit is transferred during each clock pulse. Data is sampled during the high state of the SCL. Consequently, throughout the clock's high period, the data should remain stable. Any changes on the SDA line during the high states of the SCL and in the middle of the transaction, aborts the current transaction. New data should be sent during the low SCL state. This protocol permits a single data line to transfer both command/control information and data using the synchronous serial clock. Figure 20. Data Validity Each data transaction is composed of a start condition, a number of byte transfers (set by the software) and a stop condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is transferred with the most significant bit first. After each byte, an acknowledge signal must follow. The following sections provide further details of this process. Figure 21. Acknowledge Signal The Master device on the bus always generates the start and stop conditions (control codes). After a start condition is generated, the bus is considered busy and it retains this status until a certain time after a stop condition is generated. A high-to-low transition of the data line (SDA), while the clock (SCL) is high, indicates a Start Condition. A low-to-high transition of the SDA line, while the SCL is high, indicates a stop condition. Figure 22. Start And Stop Conditions |