データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9252V/ML データシート(PDF) 101 Page - Microchip Technology

部品番号 LAN9252V/ML
部品情報  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML データシート(HTML) 101 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 97Page - Microchip Technology LAN9252V/ML Datasheet HTML 98Page - Microchip Technology LAN9252V/ML Datasheet HTML 99Page - Microchip Technology LAN9252V/ML Datasheet HTML 100Page - Microchip Technology LAN9252V/ML Datasheet HTML 101Page - Microchip Technology LAN9252V/ML Datasheet HTML 102Page - Microchip Technology LAN9252V/ML Datasheet HTML 103Page - Microchip Technology LAN9252V/ML Datasheet HTML 104Page - Microchip Technology LAN9252V/ML Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 101
LAN9252
Note 16: RD_WR and ENB signaling.
Note 17: RD and WR signaling.
twrcyc
WR or ENB Cycle Time
45
ns
twrwr
WR or ENB De-assertion Time before Next WR or ENB
13
ns
twrrd
WR De-assertion Time before Next RD
Note 17
13
ns
TABLE 9-5:
INDEXED ADDRESSING WRITE CYCLE TIMING VALUES (CONTINUED)
Symbol
Description
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More