| データシートサーチシステム |
|
PIC18F2X データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2X データシート(HTML) 6 Page - Microchip Technology |
|
6 / 17 page ![]() PIC18(L)F2X/4X/6XK40 DS40001735C-page 6 Advance Information 2013-2016 Microchip Technology Inc. FIGURE 5: 44-PIN TQFP PIN DIAGRAM FOR PIC18(L)F45K40, PIC18(L)F46K40, PIC18(L)F47K40 FIGURE 6: 44-PIN QFN (8x8x0.9 mm) PIN DIAGRAM FOR PIC18(L)F45K40, PIC18(L)F46K40, PIC18(L)F47K40 10 11 2 3 6 1 18 19 20 21 22 12 13 14 15 38 8 7 44 43 42 41 40 39 16 17 29 30 31 32 33 23 24 25 26 27 28 36 34 35 9 37 5 4 RC0 RB3 RC7 RD4 RD5 RD6 RD7 VSS VDD RB0 RB1 RB2 RA6 RA7 VSS NC VDD RE2 RE1 RE0 RA5 RA4 PIC18(L)F45K40 PIC18(L)F46K40 PIC18(L)F47K40 Note: See Table 4 for location of all peripheral functions. 10 11 2 3 4 5 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 RA6 RA7 VSS VSS NC VDD RE2 RE1 RE0 RA5 RA4 RC7 RD4 RD5 RD6 RD7 VSS VDD VDD RB0 RB1 RB2 PIC18(L)F45K40 PIC18(L)F46K40 PIC18(L)F47K40 Note 1: See Table 4 for location of all peripheral functions. 2: It is recommended that the exposed bottom pad be connected to VSS. |