データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C04 データシート(PDF) 2 Page - IC MICROSYSTEMS

部品番号 X24C04
部品情報  Serial E2PROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04 データシート(HTML) 2 Page - IC MICROSYSTEMS

  X24C04 Datasheet HTML 1Page - IC MICROSYSTEMS X24C04 Datasheet HTML 2Page - IC MICROSYSTEMS X24C04 Datasheet HTML 3Page - IC MICROSYSTEMS X24C04 Datasheet HTML 4Page - IC MICROSYSTEMS X24C04 Datasheet HTML 5Page - IC MICROSYSTEMS X24C04 Datasheet HTML 6Page - IC MICROSYSTEMS X24C04 Datasheet HTML 7Page - IC MICROSYSTEMS X24C04 Datasheet HTML 8Page - IC MICROSYSTEMS X24C04 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
X24C04
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Pull-Up
Resistor selection graph at the end of this data sheet.
Address (A0)
A0 is unused by the X24C04, however, it must be tied to VSS
to insure proper device operation.
Address (A1, A2)
The Address inputs are used to set the appropriate bits of
the seven bit slave address. These inputs can be used
static or actively driven. If used statically they must be
tied to
VSS or VCC as appropriate. If driven they must be
driven to VSS or to VCC.
3839 FHD F02
3839 FHD F03
PIN NAMES
Symbol
Description
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock
TEST
Hold at VSS
VSS
Ground
VCC
Supply Voltage
NC
No Connect
3839 PGM T01
SOIC
A
0
A
1
A
2
V
SS
1
2
3
4
8
7
6
5
V
CC
TEST
SCL
SDA
X24C04
DIP/SOIC
NC
A
0
A
1
NC
A
2
V
SS
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
V
CC
TEST
NC
SCL
SDA
NC
X24C04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com