| データシートサーチシステム |
|
X24C04 データシート(PDF) 5 Page - IC MICROSYSTEMS |
|
|
|||||||||||||||||||||||||||||
X24C04 データシート(HTML) 5 Page - IC MICROSYSTEMS |
|
5 / 18 page ![]() X24C04 5 DEVICE ADDRESSING Following a start condition the master must output the address of the slave it is accessing. The most significant four bits of the slave are the device type identifier (see Figure 4). For the X24C04 this is fixed as 1010[B]. The last bit of the slave address defines the operation to be performed. When set to one a read operation is selected, when set to zero a write operation is selected. Following the start condition, the X24C04 monitors the SDA bus comparing the slave address being transmitted with its slave address (device type and state of A1 and A2 inputs). Upon a correct compare the X24C04 outputs an acknowledge on the SDA line. Depending on the state of the R/W bit, the X24C04 will execute a read or write operation. WRITE OPERATIONS Byte Write For a write operation, the X24C04 requires a second address field. This address field is the word address, comprised of eight bits, providing access to any one of the 512 words of memory. Upon receipt of the word address the X24C04 responds with an acknowledge, and awaits the next eight bits of data, again responding with an acknowledge. The master then terminates the transfer by generating a stop condition, at which time the X24C04 begins the internal write cycle to the nonvolatile memory. While the internal write cycle is in progress the X24C04 inputs are disabled, and the device will not respond to any requests from the master. Refer to Figure 5 for the address, acknowledge and data transfer sequence. Figure 4. Slave Address 3839 FHD F09 The next two significant bits address a particular device. A system could have up to four X24C04 devices on the bus (see Figure 10). The four addresses are defined by the state of the A1 and A2 inputs. The next bit of the slave address is an extension of the array’s address and is concatenated with the eight bits of address in the word address field, providing direct access to the whole 512 x 8 array. Figure 5. Byte Write BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24C04 S T A R T SLAVE ADDRESS S S T O P P A C K A C K A C K WORD ADDRESS DATA 3839 FHD F10 1 0 1 0 A2 A1 A0 R/W DEVICE TYPE IDENTIFIER DEVICE ADDRESS HIGH ORDER WORD ADDRESS |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |