データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C04 データシート(PDF) 4 Page - IC MICROSYSTEMS

部品番号 X24C04
部品情報  Serial E2PROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04 データシート(HTML) 4 Page - IC MICROSYSTEMS

  X24C04 Datasheet HTML 1Page - IC MICROSYSTEMS X24C04 Datasheet HTML 2Page - IC MICROSYSTEMS X24C04 Datasheet HTML 3Page - IC MICROSYSTEMS X24C04 Datasheet HTML 4Page - IC MICROSYSTEMS X24C04 Datasheet HTML 5Page - IC MICROSYSTEMS X24C04 Datasheet HTML 6Page - IC MICROSYSTEMS X24C04 Datasheet HTML 7Page - IC MICROSYSTEMS X24C04 Datasheet HTML 8Page - IC MICROSYSTEMS X24C04 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
X24C04
Stop Condition
All communications must be terminated by a stop condi-
tion, which is a LOW to HIGH transition of SDA when SCL
is HIGH. The stop condition is also used by the X24C04 to
place the device in the standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting eight
bits. During the ninth clock cycle the receiver will
pull the SDA line LOW to acknowledge that it received the
eight bits of data. Refer to Figure 3.
The X24C04 will respond with an acknowledge after
recognition of a start condition and its slave address.
If the device and a write operation have been selected, the
X24C04 will respond with an acknowledge after the
receipt of each subsequent eight bit word.
In the read mode the X24C04 will transmit eight bits of data,
release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no stop
condition is generated by the master, the X24C04
will continue to transmit data. If an acknowledge is not
detected, the X24C04 will terminate further data transmissions
The master must then issue a stop condition to return the
X24C04 to the standby power mode and place the device
into a known state.
Figure 3. Acknowledge Response From Receiver
3839 FHD F08
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
8
9
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com