データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA382BWS データシート(PDF) 52 Page - STMicroelectronics

部品番号 STA382BWS
部品情報  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWS データシート(HTML) 52 Page - STMicroelectronics

Back Button STA382BWS Datasheet HTML 48Page - STMicroelectronics STA382BWS Datasheet HTML 49Page - STMicroelectronics STA382BWS Datasheet HTML 50Page - STMicroelectronics STA382BWS Datasheet HTML 51Page - STMicroelectronics STA382BWS Datasheet HTML 52Page - STMicroelectronics STA382BWS Datasheet HTML 53Page - STMicroelectronics STA382BWS Datasheet HTML 54Page - STMicroelectronics STA382BWS Datasheet HTML 55Page - STMicroelectronics STA382BWS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 172 page
background image
Register description: New Map
STA382BWS
52/172
Doc ID 022784 Rev 1
Figure 19.
OPER = 01
The STA382BWS can be configured to support different output configurations. For each
PWM output channel, a PWM slot is defined. A PWM slot is always 1 / (8 * fs) seconds
length. The PWM slot defines the maximum extension for the PWM rising and falling edge,
that is, the rising edge as well as the falling edge cannot range outside the PWM slot
boundaries.
Figure 20.
Output mapping scheme
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 3
OUT3B
OUT4B
OUT4A
OUT3A
Channel 1
Channel 2
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 3
OUT3B
OUT4B
OUT4A
OUT3A
Channel 1
Channel 2
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX ™
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
FFX
modulator
REMAP
FFX1A
FFX1 B
FFX2 A
FFX 2B
OUT1A
OUT1B
OUT2A
OUT2B
Power
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
FFX3 A
FFX3B
FFX4 A
FFX 4B
OUT3A
OUT3B
OUT4A
OUT4B
TM
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More