データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA382BWS データシート(PDF) 30 Page - STMicroelectronics

部品番号 STA382BWS
部品情報  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWS データシート(HTML) 30 Page - STMicroelectronics

Back Button STA382BWS Datasheet HTML 26Page - STMicroelectronics STA382BWS Datasheet HTML 27Page - STMicroelectronics STA382BWS Datasheet HTML 28Page - STMicroelectronics STA382BWS Datasheet HTML 29Page - STMicroelectronics STA382BWS Datasheet HTML 30Page - STMicroelectronics STA382BWS Datasheet HTML 31Page - STMicroelectronics STA382BWS Datasheet HTML 32Page - STMicroelectronics STA382BWS Datasheet HTML 33Page - STMicroelectronics STA382BWS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 172 page
background image
Device overview
STA382BWS
30/172
Doc ID 022784 Rev 1
4.3.1
STC block diagram
Figure 8.
STCompressorTM block diagram
The STC takes as input 2 channels and every channel is processed independently (i.e. an
independent DRC for each band of each channel) following the steps listed below
(Figure 8):
1.
Splits the input signal into 2 bands (band splitter)
2.
Measures the level of the signal (level meter)
3.
Computes the attenuation (mapper)
4.
Applies the attenuation and offset (attenuator)
The band splitter settings are common to both the processing channels while the settings of
the remaining blocks can be independently set for each band of each processing channel.
Caution:
All the settings explained hereafter apply only to the behavior of the STCompressorTM. For
the settings concerning other device operating configurations (see Chapter 4.1: Processing
data path) please refer to the appropriate paragraphs and registers.
4.3.2
Band splitter
The band splitter block is used to divide the signal into 2 sub-bands (typically low- and high-
frequency bands). This is done through two 2nd order biquads (IIR filters) for each band,
thus allowing to have up to a 4th order filter per band. This feature guarantees a totally flat
band recombination (see Figure 9). Using different filtering orders, indeed, causes a non-
negligible gain around the filter’s cutoff frequency, endangering the overall audio fidelity and,
eventually, also the safety of the speaker. The sub-band recombination can be enabled or
disabled.
Level
Meter
Mapper
Atten uato r
Offs et
X
Level
Meter
Mapper
Atten uato r
X
Offs et
+
Band
Sp litter
Band 0
(Lo w freqs)
Band 1
(Hig h freqs)
In p ut
Ch 0
O utp ut
Ch 0
DRC 0
DRC 1
Lev el
Meter
Mapper
Atten uato r
Offset
X
Lev el
Meter
Mapper
Atten uato r
X
Offset
+
Band
Sp litter
Band 0
(Lo w freqs )
Band 1
(Hig h freqs)
In p ut
Ch 1
O utp ut
Ch 1
DRC 2
DRC 3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More