データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA382BWS データシート(PDF) 53 Page - STMicroelectronics

部品番号 STA382BWS
部品情報  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWS データシート(HTML) 53 Page - STMicroelectronics

Back Button STA382BWS Datasheet HTML 49Page - STMicroelectronics STA382BWS Datasheet HTML 50Page - STMicroelectronics STA382BWS Datasheet HTML 51Page - STMicroelectronics STA382BWS Datasheet HTML 52Page - STMicroelectronics STA382BWS Datasheet HTML 53Page - STMicroelectronics STA382BWS Datasheet HTML 54Page - STMicroelectronics STA382BWS Datasheet HTML 55Page - STMicroelectronics STA382BWS Datasheet HTML 56Page - STMicroelectronics STA382BWS Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 172 page
background image
STA382BWS
Register description: New Map
Doc ID 022784 Rev 1
53/172
For each configuration the PWM signals from the digital driver are mapped in different ways
to the power stage.
2.0 channels, two full-bridges (OPER = 00)
●
FFX1A -> OUT1A
●
FFX1B -> OUT1B
●
FFX2A -> OUT2A
●
FFX2B -> OUT2B
●
FFX3A -> OUT3A
●
FFX3B -> OUT3B
●
FFX4A -> OUT4A
●
FFX4B -> OUT4B
●
FFX1A/1B configured as ternary
●
FFX2A/2B configured as ternary
●
FFX3A/3B configured as line out ternary
●
FFX4A/4B configured as line out ternary
On channel 3 line out (LOC bits = 00, reg 0x17 bit D7,D6) the same data as channel 1
processing is sent. On channel 4 line out (LOC bits = 00) the same data as channel 2
processing is sent. In this configuration, neither volume control nor EQ has any effect on
channels 3 and 4.
In this configuration the PWM slot phase is the following as shown in Figure 21.
Figure 21.
2.0 channels (OPER = 00) PWM slots
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT4A
OUT4B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT4A
OUT4B
Obsolete
Product(s)
- Obsolete
Product(s)