データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA382BWS データシート(PDF) 28 Page - STMicroelectronics

部品番号 STA382BWS
部品情報  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWS データシート(HTML) 28 Page - STMicroelectronics

Back Button STA382BWS Datasheet HTML 24Page - STMicroelectronics STA382BWS Datasheet HTML 25Page - STMicroelectronics STA382BWS Datasheet HTML 26Page - STMicroelectronics STA382BWS Datasheet HTML 27Page - STMicroelectronics STA382BWS Datasheet HTML 28Page - STMicroelectronics STA382BWS Datasheet HTML 29Page - STMicroelectronics STA382BWS Datasheet HTML 30Page - STMicroelectronics STA382BWS Datasheet HTML 31Page - STMicroelectronics STA382BWS Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 172 page
background image
Device overview
STA382BWS
28/172
Doc ID 022784 Rev 1
●
2.0 output with B2DRC (Figure 6): the mixer and the eighth biquadratic filter are used to
divide the channel into two sub-bands, then each sub-band is independently processed
by a DRC block. The two bands are then re-composed and fed to the following
processing blocks. The crossover frequency is user-selectable. This configuration and
features ensure the backward compatibility with the previous Sound Terminal®
products. For further information please refer to Chapter 6.11.1: Dual-band DRC.
Figure 6.
Processing path, second part: 2.0 output with B2DRC
●
2.1 output with STCompressorTM (Figure 7): the STA382BWS embeds the latest, state-
of-the-art multi-band dynamic, range compressor, called STCompressorTM. When
using this configuration, up to 10 biquad filters are available for dedicated processing.
Please refer to Section 4.3: STCompressorTM for further information about this feature.
Figure 7.
Processing path, second part: 2.1 output configuration with
STCompressorTM
Crossover Frequency
Determined by XO Setting
(User Defined If
XO=0000)
C1Mx1
User-Defined
Mix Coefficients
+
B2DRC
Hi-pass XO
filter
DC Cut
Filter
C1Mx2
L
R
C2Mx1
+
B2DRC
Hi-pass XO
filter
C2Mx2
C3Mx1
+
C3Mx2
-
Channel 1
Volume
DRC 1
Channel 3
Volume
DRC 2
Post Scale
++
- +
DC Cut
Filter
Channel 3
Volume
DRC 2
Channel 2
Volume
DRC 1
Post Scale
+
Crossover Frequency
Determined by XO Setting
(User Defined If
XO=0000)
C1Mx1
User-Defined
Mix Coefficients
+
Channel ½
Biquad#8
--------------
Hi-pass XO
Filter
STCompressor
Volume
And
Limiter
DC Cut
Filter
Post Scale
C1Mx2
L
R
C2Mx1
+
Channel ½
Biquad#8
--------------
Hi-pass XO
Filter
STCompressor
Volume
And
Limiter
DC Cut
Filter
Post Scale
C2Mx2
C3Mx1
+
Channel 3
Biquad#8
--------------
Low-pass XO
filter
Volume
And
Limiter
DC Cut
Filter
Post Scale
C3Mx2
Obsolete
Product(s)
- Obsolete
Product(s)