| データシートサーチシステム |
|
L99PM72PXP データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 128 page ![]() ST SPI L99PM72PXP 78/128 Doc ID 023553 Rev 3 Figure 39. Read configuration register 1. The configuration register is implemented for compliance with ST standard SPI 3.0 and contains only the watchdog trigger bit at D0. Figure 40. Write configuration register 1. The configuration register is implemented for compliance with ST standard SPI 3.0 and contains only the watchdog trigger bit at D0. |