| データシートサーチシステム |
|
L99PM72PXP データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 128 page ![]() L99PM72PXP Detailed description Doc ID 023553 Rev 3 23/128 Operational amplifiers On Off Off LIN LIN 2.1 On Off(4) Off(4) HS_CAN On / Off(5) Off(4) Off(4) FSO (if configured by SPI), active by default Fail safe output OUT3/FSO OFF (6) OUT3/FSO OFF(6) OUT3/FSO OFF(6) Oscillator On Off(7) Off(7) VS-Monitor On (8) (8) 1. Supply the processor in low current mode. 2. Only active when selected via SPI. 3. Unless disabled by SPI 4. The bus state is internally stored when going to standby mode. A change of bus state leads to a wake-up after exceeding of internal filter time (if wake-up by LIN or CAN is not disabled by SPI). Selective Wake functionality if enabled by SPI 5. After power-on, the HS CAN transceiver is in ‘CAN Trx Standby’ Mode. It is activated by SPI command (CAN_ACT = 1) 6. ON in Failsafe Condition: If Standby mode is entered with active Fail Safe mode, the output remains ON in Standby mode. 7. ON, if cyclic sense is enabled. 8. Cyclic activation = pulsed ON during cyclic sense Table 5. Functional overview (truth table) (continued) Function Comments Operating modes Active Mode V1_standby static mode (cyclic sense) VBat_standby static mode (cyclic sense) |